Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4444 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN4444
Description  ST7590 PRIME compliant power line networking SoC design guide
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4444 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN4444 Datasheet HTML 33Page - STMicroelectronics AN4444 Datasheet HTML 34Page - STMicroelectronics AN4444 Datasheet HTML 35Page - STMicroelectronics AN4444 Datasheet HTML 36Page - STMicroelectronics AN4444 Datasheet HTML 37Page - STMicroelectronics AN4444 Datasheet HTML 38Page - STMicroelectronics AN4444 Datasheet HTML 39Page - STMicroelectronics AN4444 Datasheet HTML 40Page - STMicroelectronics AN4444 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
DocID025925 Rev 2
37/68
AN4444
ST7590 reference design description
68
Figure 28. Zero crossing coupling - negative edge delay
8.2
STM32 section
The EVALKITST7590-Q1 is equipped with an STM32F103RGT7 device, a medium-density
ARM® based 32-bit microcontroller.
For complete information on device characteristics, please refer to Part 3 of Section 13:
References on page 63.
On the EVALKITST7590-Q1 board, the STM32F103RGT7 microcontroller can be used for
following purposes:
Handle the ST7590 device through direct connections
External access through several interface types: USB, SPI, I2C, USART, JTAG
Store and read data to/from an external µSD card
Develop test functions
On the EVALKITST7590-Q1, the STM32 microcontroller shares its VDD supply voltage with
the VDDIO digital supply of the ST7590 device.
A dedicated 8 MHz crystal has been provided with two suitable load capacitors according to
recommendations in Part 4 of Section 13: References on page 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68