Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3213 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 21Page - STMicroelectronics AN3213 Datasheet HTML 22Page - STMicroelectronics AN3213 Datasheet HTML 23Page - STMicroelectronics AN3213 Datasheet HTML 24Page - STMicroelectronics AN3213 Datasheet HTML 25Page - STMicroelectronics AN3213 Datasheet HTML 26Page - STMicroelectronics AN3213 Datasheet HTML 27Page - STMicroelectronics AN3213 Datasheet HTML 28Page - STMicroelectronics AN3213 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
AN3213
ST7570 demonstration board description
Doc ID 17429 Rev 1
25/64
Table 4.
ST parts on board
Part
Value
Description
D1
SM6T15CA
Bi-directional Transil diode, SMB
D2, D4
STPS1L30A
Schottky diode, SMA
D3
SM6T6V8CA
Bi-directional Transil diode, SMB
U2
ST7570
Power line communication SoC, QFN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64