| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3213 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3213 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 64 page ![]() AN3213 Abbreviations used in this document Doc ID 17429 Rev 1 7/64 1 Abbreviations used in this document ● AC = alternate current ● AFE = analog front end ● AMR = automated meter reading ● AWGN = additive white gaussian noise ● BER = bit error rate ● BOM = bill of material ● CE = conducted emissions ● DC = direct current ● EMC = electro-magnetic compliance ● EMI = electro-magnetic immunity ● GUI = graphical user interface ● MAC = medium access control layer (as per IEC61334-5-1 protocol stack definition - References 5) ● NBI = narrow-band interferer ● LISN = line impedance stabilization network ● PA = power amplifier ● PCB = printed circuit board ● PHY = physical layer (as per IEC61334-5-1 protocol stack definition - References 5) ● PLC = power line communication ● PSU = power supply unit ● RBW = resolution bandwidth ● SBW = signal bandwidth ● S-FSK = spread frequency shift keying ● SNR = signal-to-noise ratio ● SSD = start subframe delimiter (as per IEC61334-5-1 physical layer definition - References 5) |