Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3213 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3213
Description  ST7570 S-FSK power line networking system-on-chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3213 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3213 Datasheet HTML 7Page - STMicroelectronics AN3213 Datasheet HTML 8Page - STMicroelectronics AN3213 Datasheet HTML 9Page - STMicroelectronics AN3213 Datasheet HTML 10Page - STMicroelectronics AN3213 Datasheet HTML 11Page - STMicroelectronics AN3213 Datasheet HTML 12Page - STMicroelectronics AN3213 Datasheet HTML 13Page - STMicroelectronics AN3213 Datasheet HTML 14Page - STMicroelectronics AN3213 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
AN3213
Safety recommendations
Doc ID 17429 Rev 1
11/64
3
Safety recommendations
The board must be used by expert technicians only. Due to the high voltage (85-265 VAC)
present on the non-isolated parts, special care must be taken in order to avoid electrical
risks regarding user safety.
There is no protection against accidental human contact with high voltages.
After disconnecting the board from the mains, no live parts must be touched immediately
because of the energized capacitors.
It is mandatory to use a mains insulation transformer to perform any tests on the high
voltage sections, using test instruments such as, spectrum analyzers or oscilloscopes.
Do not connect any probe to high voltage sections if the board is not isolated from the mains
supply, in order to avoid damaging instruments and demo tools.
Warning:
STMicroelectronics assumes no responsibility for the
consequences arising from any improper use of this
development tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64