Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1545 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 45Page - STMicroelectronics UM1545 Datasheet HTML 46Page - STMicroelectronics UM1545 Datasheet HTML 47Page - STMicroelectronics UM1545 Datasheet HTML 48Page - STMicroelectronics UM1545 Datasheet HTML 49Page - STMicroelectronics UM1545 Datasheet HTML 50Page - STMicroelectronics UM1545 Datasheet HTML 51Page - STMicroelectronics UM1545 Datasheet HTML 52Page - STMicroelectronics UM1545 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
UM1545
Script file
Doc ID 023225 Rev 1
49/64
Appendix C
Script file
The following example of a script file has extension .aps.
####################################################
# Test script used to show available commands
# and their usage.
####################################################
# This is a comment line
# Note: all values are in hex but the SECTION
#
repeat counter.
####################################################
# List of available commands
####################################################
#
"RW"
Register Write
#
"CW1"
Coefficient write single (hex value)
#
"CW1F"
Coefficient write single (float value)
#
"CWA"
Coefficient write all (5 coeffs. - hex values)
#
"CWAF"
Coefficient write all (5 coeffs. - float values)
#
"CR1"
Coefficient read single
#
"CRA"
Coefficient read all (5)
#
"CCMP1"
Coefficient compare single
#
"CCMPA"
Coefficient compare all (5)
#
"P"
Pause
#
"SECTION_BEGIN"
Section begin marker (then repeat)
#
"SECTION_END"
Section end marker
#
"RESET"
Device reset (high->low->high cycle)
#
"SET_RST"
Set RESET line
# NOTE: The CWA/CWAF commands make use of the multi-write coeffs.
#
capability only if the coeff. start index is aligned with
#
a bi-quadratic starting address. Single-write operation is
#
used otherwise. In any case coeffienct order on the command line
#
is the same as per the relevant device RAM mapping.
#
For instance:
#
>> in case of STA321: CWA <index> <B0/2> <B1/2> <B2> <-A2> <-A1/2>
#
>> in case of STA33x: CWA <index> <B1/2> <B2> <-A1/2> <-A2> <B0/2>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64