Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1545 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 18Page - STMicroelectronics UM1545 Datasheet HTML 19Page - STMicroelectronics UM1545 Datasheet HTML 20Page - STMicroelectronics UM1545 Datasheet HTML 21Page - STMicroelectronics UM1545 Datasheet HTML 22Page - STMicroelectronics UM1545 Datasheet HTML 23Page - STMicroelectronics UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
APW walkthrough
UM1545
22/64
Doc ID 023225 Rev 1
red). This option is very useful since it avoids moving along the whole list of registers (that
can be very long) when looking for a specific register, thus making it easier and faster to
access the device information.
The right side of the tab is also occupied by the controls that allow editing the registers
(hexadecimal and binary notation are supported). After choosing the register, either from the
list on the left or by typing its address (in hexadecimal notation) in the designated space, the
user can modify its content by typing the new value for the whole register or by toggling only
the desired bits by left clicking on the binary visualization (Figure 18, highlighted in blue).
Press the Write button to apply the new register value, once it has been established. Please
note that both the Read and Write buttons will follow the Auto Apply and Auto Retrieve
preferences.
Finally, the Dump button allows dumping all the local bank registers in the log viewer
windows as shown in (Figure 19, highlighted in red). Unavailable registers are displayed
with the symbol "--".
Figure 19.
Local bank register values dumped in the log viewer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64