Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1545 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 5Page - STMicroelectronics UM1545 Datasheet HTML 6Page - STMicroelectronics UM1545 Datasheet HTML 7Page - STMicroelectronics UM1545 Datasheet HTML 8Page - STMicroelectronics UM1545 Datasheet HTML 9Page - STMicroelectronics UM1545 Datasheet HTML 10Page - STMicroelectronics UM1545 Datasheet HTML 11Page - STMicroelectronics UM1545 Datasheet HTML 12Page - STMicroelectronics UM1545 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
UM1545
Getting started
Doc ID 023225 Rev 1
9/64
Figure 3.
Startup settings, interface selection
The lower part of the Startup settings dialog, instead, allows specifying the interface to be
used (Figure 3, highlighted in red). Please note that when selecting the AP Interface (use
this option for the LPT interface too) or the USB option, respectively the available parallel
ports or the available COM ports will be enumerated in the drop-down menu on the right.
Select the correct interface and communication port, then press OK. Among the physical
interfaces the Simulation option is also available. Use this option if you do not want to be
connected to an interface (APW evaluation and testing only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64