Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1545 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 3Page - STMicroelectronics UM1545 Datasheet HTML 4Page - STMicroelectronics UM1545 Datasheet HTML 5Page - STMicroelectronics UM1545 Datasheet HTML 6Page - STMicroelectronics UM1545 Datasheet HTML 7Page - STMicroelectronics UM1545 Datasheet HTML 8Page - STMicroelectronics UM1545 Datasheet HTML 9Page - STMicroelectronics UM1545 Datasheet HTML 10Page - STMicroelectronics UM1545 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
UM1545
Getting started
Doc ID 023225 Rev 1
7/64
interface. APW will run in SIMULATION mode only when the FTDI driver is not installed
or the APWLink™ interface is not connected to the PC.
●
Microsoft Visual C++ 2008 Feature Pack Redistributable package, if not already
available on the target PC. These libraries can be downloaded for free from the
Microsoft web site (see below Section 1.3.1: Installation notes).
1.3.1
Installation notes
●
Microsoft Visual C++ 2008 Feature Pack Redistributable Package (x86)
To properly run APWorkbench on some machines the user may be required to install the
updated Microsoft VC++ 2008 Feature Pack redistributable libraries, available at no cost
from the Microsoft web page at:
http://www.microsoft.com/en-us/download/details.aspx?id=10015
●
FTDIChip USB communication driver (APWLink™ interface)
Concerning USB communication (APWLink™ interface), proper OS drivers must be
installed, available for free from the FTDI website below. Note that different versions are
available depending on the installed OS, either x86 (32-bit) or x64 (64-bit). All Windows
versions, including Vista and Win 7 64-bit are supported.
http://www.ftdichip.com/Drivers/D2XX.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64