Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0345 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 25Page - STMicroelectronics RM0345 Datasheet HTML 26Page - STMicroelectronics RM0345 Datasheet HTML 27Page - STMicroelectronics RM0345 Datasheet HTML 28Page - STMicroelectronics RM0345 Datasheet HTML 29Page - STMicroelectronics RM0345 Datasheet HTML 30Page - STMicroelectronics RM0345 Datasheet HTML 31Page - STMicroelectronics RM0345 Datasheet HTML 32Page - STMicroelectronics RM0345 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
RM0345
Calibration base footprints
Doc ID 024080 Rev 3
29/38
Appendix A
Calibration base footprints
SPC563M64CAL144 (rev.B) calibration board had footprint compatible with QFP144
production package version of SPC563M64xx devices, ensuring that they can be fitted to an
application PCB that has been designed to accept standard QFP144 packaged
SPC563M64xx devices.
Bases can be supplied with solder footprints, to allow direct and permanent soldered
connection to an application PCB, or with pin adapter connectors fitted, allowing connection
and removal from an application PCB that is fitted with a compatible receiver socket.
Figure 13.
TQPACK144SD
all dimension are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38