| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0345 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0345 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 38 page ![]() RM0345 Power supply Doc ID 024080 Rev 3 9/38 Figure 5. Supply signals on SPC563M64xx CSP496 The VRC33 signal of the CSP496 is connected to its respective signal of the QFP144 target application via the J15 cut trace option. The VRC33 can be also connected to the on board +3.3V by closing the J2 gauge. In this case the gauge J15 must be open (Table 2). |