Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0345 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics RM0345 Datasheet HTML 19Page - STMicroelectronics RM0345 Datasheet HTML 20Page - STMicroelectronics RM0345 Datasheet HTML 21Page - STMicroelectronics RM0345 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Calibration connector
RM0345
18/38
Doc ID 024080 Rev 3
B12
GPIO[207]
(@3.3V)
GPIO Pins for startup
handshake and
triggering
A12
MDO 0
Detect that the PLL is
locked
B13
ECU_Vsby
VDDSBRAM Supply
(Backup Voltage of
ECU Standby RAM)
A13
+5V
VDDP Comparator
Input (Supply of
microcontroller
Interface Pins)
Table 7.
Nexus signals on AMP 38 Mictor connector (continued)
Pin
SPC563M64xx
routing
standard function
Pin
SPC563M64xx
routing
standard function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38