Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0345 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 10Page - STMicroelectronics RM0345 Datasheet HTML 11Page - STMicroelectronics RM0345 Datasheet HTML 12Page - STMicroelectronics RM0345 Datasheet HTML 13Page - STMicroelectronics RM0345 Datasheet HTML 14Page - STMicroelectronics RM0345 Datasheet HTML 15Page - STMicroelectronics RM0345 Datasheet HTML 16Page - STMicroelectronics RM0345 Datasheet HTML 17Page - STMicroelectronics RM0345 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Calibration bus interface and External Memory
RM0345
14/38
Doc ID 024080 Rev 3
4.3
Calibration bus interface
The calibration bus is made up of address bus, data bus, and bus control signals, and is
used on the calibration board to access the upon board memory.
The
calibration board supports a 16-bit de-mulitplexed calibration bus. This is derived from
the multiplexed bus on the SPC563M64xx, where the majority of address lines are derived
from the data lines (CAL_DATA on SPC563M64 device), by using an onboard external latch
controlled by the C_TS signal. The ALE functionality of this signal indicates to the external
latch when to capture the address signals
Figure 7.
SRAM schematic diagram
The Section 9: Calibration software compatibility and configuration shows the necessary
software configuration of the SPC563M64xx calibration interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38