Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4402 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4402 Datasheet HTML 1Page - STMicroelectronics AN4402 Datasheet HTML 2Page - STMicroelectronics AN4402 Datasheet HTML 3Page - STMicroelectronics AN4402 Datasheet HTML 4Page - STMicroelectronics AN4402 Datasheet HTML 5Page - STMicroelectronics AN4402 Datasheet HTML 6Page - STMicroelectronics AN4402 Datasheet HTML 7Page - STMicroelectronics AN4402 Datasheet HTML 8Page - STMicroelectronics AN4402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
DocID025557 Rev 1
5/39
AN4402
Description
38
1
Description
This document describes the protection features implemented in the L99MC6 and L9733 to
control inductive loads. It provides calculations of the energy dissipated in the output
MOSFETs of these devices during the switch-off phase of this type of loads in different
configurations:
The outputs are configured either as low-side or high-side drivers
With and without parallel resistor to the inductive load
Although the examples are applied to the L99MC6, general results are also applicable to
devices integrating the same type of active clamping protections.
Finally, the developers will find a guideline to verify if the outputs of these devices are
compatible with their load specifications and application conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39