| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4402 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4402 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 39 page ![]() DocID025557 Rev 1 17/39 AN4402 Demagnetization energy 38 Moreover, the demagnetization time decreases when RP decreases, therefore the battery supplies less energy during the demagnetization phase. is negative since RL// RP < RL. This term further decreases when RP decreases. This explains the decrease of EDEMAG, when RP decreases. The drawback of a low value of RP is the fact that the power losses in RP, when the inductive load is on, are higher as the RP value is lower. 3.3 High-side configured outputs 3.3.1 Demagnetization energy with VBAT < VCL_LS – VCL_HS By similarity between the circuits displayed in Figure 7 and Figure 10, we have the following equivalence between low-side and high-side configured outputs when VBAT < VCL_LS – VCL_HS: Low-side: VCL_LS ↔ High-side: VBAT + VCL_HS Replacing VCL_LS by VCL_HS + VBAT in Equation 19, Equation 20 and Equation 21 provides the expression of the energy dissipated in the high-side driver during the switch-off phase. t DEMAG_LS L R L -------ln V CL_LS V CL_LS V BAT – ---------------------------------------- R L// Rp R L -------------------- L R L ------- ln V CL_LS V CL_LS V BAT – ---------------------------------------- R L// Rp R L -------------------- ln + == R L// Rp R L -------------------- ln Table 5. Analogies between the equations for a low-side and a high-side Low-side High-side, VBAT < VCL_LS – VCL_HS VDS VCL_LS VBAT + VCL_HS Voltage drop across the load VBAT - VCL_LS -VCL_HS iL(t) with and with and di L dt -------- i L τ ---- + V BAT V CL_LS – τR L --------------------------------------- = τ L R L ------- = I L t0 = () I L0 V BAT R L -------------- == di L dt -------- i L τ ---- + V CL_HS τR L ------------------- – = τ L R L ------- = I L t0 = () I L0 V BAT R L -------------- == |