Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4402 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 15Page - STMicroelectronics AN4402 Datasheet HTML 16Page - STMicroelectronics AN4402 Datasheet HTML 17Page - STMicroelectronics AN4402 Datasheet HTML 18Page - STMicroelectronics AN4402 Datasheet HTML 19Page - STMicroelectronics AN4402 Datasheet HTML 20Page - STMicroelectronics AN4402 Datasheet HTML 21Page - STMicroelectronics AN4402 Datasheet HTML 22Page - STMicroelectronics AN4402 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DocID025557 Rev 1
19/39
AN4402
Demagnetization energy
38
Figure 10. Equivalent circuit during the demagnetization of a high-side with parallel
resistor, VBAT < VCL_LS - VCL_HS
VL is negative during the turn-off phase according to the used sign convention, since
diL/dt < 0.
3.3.2
Demagnetization energy with VBAT > VCL_LS – VCL_HS
As discussed in the Section 2.2.2, the gate-drain clamp is activated.
From an electrical point of view Figure 7 and Figure 10 are equivalent, regardless whether
the switch is in high-side or low-side configuration (provided that VBAT < VCL_LS – VCL_HS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39