Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4402 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce AN4402
Description  Multichannel drivers driving inductive loads
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4402 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button AN4402 Datasheet HTML 30Page - STMicroelectronics AN4402 Datasheet HTML 31Page - STMicroelectronics AN4402 Datasheet HTML 32Page - STMicroelectronics AN4402 Datasheet HTML 33Page - STMicroelectronics AN4402 Datasheet HTML 34Page - STMicroelectronics AN4402 Datasheet HTML 35Page - STMicroelectronics AN4402 Datasheet HTML 36Page - STMicroelectronics AN4402 Datasheet HTML 37Page - STMicroelectronics AN4402 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Glossary
AN4402
34/39
DocID025557 Rev 1
Appendix B
Glossary
Table 15. Glossary
Abbreviation
Description
VBAT
Battery voltage
VDS
MOSFET drain-source voltage
VS
MOSFET source voltage
VZENER_LS
Zener voltage of the gate-drain clamp
VZENER_HS
Zener voltage of the gate-source clamp
VCL_LS
Clamping voltage when the gate-drain clamp is active
VCL_HS
Clamping voltage when the gate-source clamp is active
Sign convention : VCL_HS > 0
VF
Typical diode forward voltage
VGS_TH
MOSFET gate-source threshold voltage
L
Inductance
VL
Voltage across the inductor
RL
Inductor DC resistance
VRL
Voltage across RL
RP
Resistor in parallel to the inductive load
VRP
Voltage across RP
iP
Current through RP
iL
Current through the inductor
IL0
Inductor current right before the turn-off phase: IL0 = IL(t=0)
EDEMAG_LS
Demagnetization energy of a low-side: dissipated energy in the low-side
EDEMAG1_HS
Demagnetization energy of a high-side when VBAT ≤ VCL_LS - VCL_HS
EDEMAG2_HS
Demagnetization energy of a high-side when VBAT ≥ VCL_LS - VCL_HS
tDEMAG_LS
Demagnetization time of a low-side
tDEMAG1_HS
Demagnetization time of a high-side when VBAT ≤ VCL_LS - VCL_HS
tDEMAG2_HS
Demagnetization time of a high-side when VBAT ≥ VCL_LS - VCL_HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39