Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4240 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN4240
Description  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 13Page - STMicroelectronics AN4240 Datasheet HTML 14Page - STMicroelectronics AN4240 Datasheet HTML 15Page - STMicroelectronics AN4240 Datasheet HTML 16Page - STMicroelectronics AN4240 Datasheet HTML 17Page - STMicroelectronics AN4240 Datasheet HTML 18Page - STMicroelectronics AN4240 Datasheet HTML 19Page - STMicroelectronics AN4240 Datasheet HTML 20Page - STMicroelectronics AN4240 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Doc ID024209 Rev 2
17/30
AN4240
Application code structure
5.2.5
Load Crypto Keys function
The update blank part function allows to get the UID value of the device, a 120-bit read only
unique identification number which is programmed during device fabrication. The UID is
used in the memory update procedure and is available for application specific uses.
Figure 10. Get UID function
The UID value is derived here in order to be used later to check if the updating procedure
has been processed correctly.
Furthermore, few lines of code is used to load the Cryptographic keys in order to update
eleven keys: ten USER KEYS and BOOT_MAC_KEY.
Figure 11. Load Key function
In this case, M1 to M5 parameters have been calculated off line. In order to check that the
updating procedure was performed correctly, CSE calculates M4 and M5 to compare those
values with the values obtained off line.
How to obtain those parameters is explained in the Appendix A.
5.2.6
App code to be added to have a secure boot
In order to issue a Secure Boot OK it is necessary to add in the crt0.ppc file, the following
lines:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30