| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4240 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4240 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() Secure storage for cryptographic keys AN4240 12/30 Doc ID024209 Rev 2 In general, knowledge of a specific key is needed in order to update that specific key. MASTER_ECU_KEY is a key with special meaning. It is used to authorize updating other keys (BOOT_MAC_KEY, BOOT_MAC, BOOT_MAC_KEY and all KEY_1 to KEY_10) without knowledge of those keys. See Table 4: Memory Update Policy of the SHE specification, reported here for convenience: Table 4 shows that the knowledge of the MASTER ECU KEY allows updating of all the other keys. This implies that it is the most important key as it allows to reset the device to its factory state, (with all the security memory slots empty) only if no key has the WRITE_PROT flag set. Setting this flag is an irreversible step and for this reason, the user has to be very carefull during the creation of the key attributes of the cryptographic keys. KEY_USAGE If set, memory slot holds a MAC key, otherwise it holds an encryption key WILDCARD If set, memory slot cannot be updated with the wildcard UID Table 4. Memory Update Policy Slot to update MASTER ECU KEY BOOT MAC KEY BOOT MAC KEY<n> RAM KEY MASTER ECU KEY X BOOT MAC KEY X X BOOT MAC X X KEY<n> X X RAM KEY X Table 3. Key attributes (continued) Flag Name Description |