Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4240 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4240
Description  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 10Page - STMicroelectronics AN4240 Datasheet HTML 11Page - STMicroelectronics AN4240 Datasheet HTML 12Page - STMicroelectronics AN4240 Datasheet HTML 13Page - STMicroelectronics AN4240 Datasheet HTML 14Page - STMicroelectronics AN4240 Datasheet HTML 15Page - STMicroelectronics AN4240 Datasheet HTML 16Page - STMicroelectronics AN4240 Datasheet HTML 17Page - STMicroelectronics AN4240 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Application code structure
AN4240
14/30
Doc ID024209 Rev 2
The second application code configuress the device in order to:
•
Add in the ctr0.ppc file the code size and the start address of the code to be secured
•
Add in the locator file the reserved section needed to release the secure boot
•
Reset the device two times in order to issue Secure Boot OK, as described in the
Secure boot procedure Figure 5.
Finally the third application code configures the device in order to:
•
Issue a CSE BOOT OK command to verify if the content of the flash is not modified
•
Issue an encryption ECB and a CBC command over a preloaded figure (ST Logo)
•
Issue a decryption ECB and a CBC command over the encrypted figure to show the
plain text figure again
5.2.1
Disable Software Watchdog
This function allows disabling the Software Watchdog using a key word and permit the
access to the control register of the SWT module.
The SWT is disabled in order to avoid the period execution of watchdog service that could
issue a system reset:
Figure 6. Software Watchdog disable function
5.2.2
Mode Init
This function allows to configure the mode entry of the device in order to turn on all the
peripherals considering the right dividers for a system clock of 120 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30