Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3306 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics AN3306 Datasheet HTML 18Page - STMicroelectronics AN3306 Datasheet HTML 19Page - STMicroelectronics AN3306 Datasheet HTML 20Page - STMicroelectronics AN3306 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AN3306
Accuracy results
Doc ID 18182 Rev 1
17/21
Figure 9.
Accuracy results vs. current and accuracy limit standards
As can be noted from the results in the graph, there is a very high degree of accuracy for all
sensors, fulfilling class 0.5 specifications even at very low currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21