Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3306 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 3Page - STMicroelectronics AN3306 Datasheet HTML 4Page - STMicroelectronics AN3306 Datasheet HTML 5Page - STMicroelectronics AN3306 Datasheet HTML 6Page - STMicroelectronics AN3306 Datasheet HTML 7Page - STMicroelectronics AN3306 Datasheet HTML 8Page - STMicroelectronics AN3306 Datasheet HTML 9Page - STMicroelectronics AN3306 Datasheet HTML 10Page - STMicroelectronics AN3306 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AN3306
Comparison of current measuring devices
Doc ID 18182 Rev 1
7/21
Table 1 summarizes the strengths and weakness of the different current measurement
techniques under consideration.
Table 1.
Comparison of current measurement devices
Characteristic
Shunt
Current
transformer
(CT)
Hall effect
Pulse current
sensor
(di/dt)
Linear amplitude & phase
++
0
−
++
Wide range - 5 decades
0
0
+
++
Wide bandwidth
+
0
0
++
No DC saturation
++
−−
++
Low temperature coefficient
0
+
−
++
High electrical isolation
−
++
0
++
Low power consumption
−
+0
++
Output voltage
++
++
−
0
Low cost
++
0
−
+
Light weight
+
−
+++
Flexible size & shape
−−
+++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21