Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3306 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 7Page - STMicroelectronics AN3306 Datasheet HTML 8Page - STMicroelectronics AN3306 Datasheet HTML 9Page - STMicroelectronics AN3306 Datasheet HTML 10Page - STMicroelectronics AN3306 Datasheet HTML 11Page - STMicroelectronics AN3306 Datasheet HTML 12Page - STMicroelectronics AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN3306
Benefits of using STPMxx with Rogowski coil-based sensors
Doc ID 18182 Rev 1
11/21
Equation 4
This leads to an offset error in power measurement and to a residual sinusoidal ripple at
twice the line frequency after the LP filtering. Real power should be averaged within a line
period.
The STPMxx family implements a new proprietary algorithm for power calculation that
removes this ripple and the offset by digital cancellation, providing an accurate and flat
power calculation without the need for an additional integrator in the analog section.
Figure 6.
STPMxx power calculation approach
Referring to Figure 6, the device calculates, then subtracts, and then divides by two the
following powers:
Equation 5
PGA
Signal
conditioning
ADC
v(t)
v dt
p2(t)
p(t)
v(t)
di/dt
V.I.cos
ADC
Signal
conditioning
i(t)
di/dt
Subtractor &
:2 divider
p1(t)
v(t)
11-bit
16-bit
16-bit
Real power
AM00183v1
ϕ/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21