Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3306 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3306
Description  Current sensing in metering applications using
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3306 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3306 Datasheet HTML 10Page - STMicroelectronics AN3306 Datasheet HTML 11Page - STMicroelectronics AN3306 Datasheet HTML 12Page - STMicroelectronics AN3306 Datasheet HTML 13Page - STMicroelectronics AN3306 Datasheet HTML 14Page - STMicroelectronics AN3306 Datasheet HTML 15Page - STMicroelectronics AN3306 Datasheet HTML 16Page - STMicroelectronics AN3306 Datasheet HTML 17Page - STMicroelectronics AN3306 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Operation of the Pulse current sensor with the STPM01
AN3306
14/21
Doc ID 18182 Rev 1
6
Operation of the Pulse current sensor with the
STPM01
Accuracy testing was conducted with the PA2999.006NL sensor using an STPM01
demonstration board. Its schematic diagram is shown in Figure 7 below.
Figure 7.
Test board schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21