| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3077 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 82 page ![]() DocID16384 Rev 10 45/82 AN3077 Functional safety requirements for application software 81 Figure 14. Double Read Analog Inputs configuration 3.15.1.2.3 Software test implementation ● ADC0_SWTEST_REGCRC The ADC_0 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● ADC1_SWTEST_REGCRC The ADC_1 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● SIUL_SWTEST_REGCRC The SIUL configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● ADC_SWTEST_CMP This software test is used to execute a comparison between the double acquisition performed by one channel of ADC_0 and one channel of ADC_1. The comparison must be approximated because of conversion differences. 3.15.1.2.4 Implementation details The following hardware elements shall be used for the safety function: ● Analog input channels AN[0:8] of ADC_0 ● Analog input channels AN[0:8] of ADC_1 The user must select one channel from ADC_0 and one from ADC_1. The input pads are configured via the appropriate pad configuration registers, SIUL_PCRn. ADC_0 Analog Double Read Configuration AN[0:8] ADC_1 AN[0:8] I I I = Input Pad |