| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3077 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 82 page ![]() Functional safety requirements for application software AN3077 30/82 DocID16384 Rev 10 Figure 6. Double Write PWM Output configuration 3.13.5.1.1 Software test implementation ● SIUL_SWTEST_REGCRC The SIUL configuration registers are read and a CRC checksum is computed. The CRC checksum is compared to the expected value. ● ETIMER0_SWTEST_REGCRC The eTimer_0 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● ETIMER1_SWTEST_REGCRC The eTimer_1 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● FLEXPWM0_SWTEST_REGCRC The FlexPWM_0 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. ● FLEXPWM1_SWTEST_REGCRC The FlexPWM_01 configuration registers are read and a CRC checksum is computed. The checksum is compared to the expected value. Note: Implementation hint: The eDMA and CRC modules should be used to implement this SIF to avoid overloading the CPU. ● PWMDW_SWAPP_WRITE eTimer_0 PWM Out Double Write Configuration (eTimer) O eTimer_1 O Flex PWM Out Double Write Configuration (FlexPWM) O Flex O PWM_0 PWM_1 ETC[x]* O = Output Pad ETC[y]* n[z]* n[z]* Note: n[z] represents any FlexPWM output (for example, A[z], B[z] or X[z]), but each output must be driven by different FlexPWM modules. The same consideration is valid for the eTimer; any eTimer output may be used, but each output must be driven by different eTimer module. |