Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3077 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3077
Description  Safety application guide
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3077 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3077 Datasheet HTML 17Page - STMicroelectronics AN3077 Datasheet HTML 18Page - STMicroelectronics AN3077 Datasheet HTML 19Page - STMicroelectronics AN3077 Datasheet HTML 20Page - STMicroelectronics AN3077 Datasheet HTML 21Page - STMicroelectronics AN3077 Datasheet HTML 22Page - STMicroelectronics AN3077 Datasheet HTML 23Page - STMicroelectronics AN3077 Datasheet HTML 24Page - STMicroelectronics AN3077 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
DocID16384 Rev 10
21/82
AN3077
Functional safety requirements for application software
81
Mandatory: The software tests that the application must implement are:
●
ETIMER0_SWTEST_REGCRC
●
ETIMER1_SWTEST_REGCRC
●
SIUL_SWTEST_REGCRC
Note:
Rationale: To verify that the configuration of the modules used by this safety function
compare to the expected configuration
Mandatory: In addition, the double reads must be compared by the application with the
implementation of the following test: ETIMERI_SWTEST_CMP.
Note:
Rationale: To verify that the two sets of data compare
Figure 2. Double Read PWM Input
3.13.2.1.3
Software test implementation
●
ETIMER0_SWTEST_REGCRC
The eTimer_0 configuration registers are read and a CRC checksum is computed. The
checksum is compared with the expected value.
●
ETIMER1_SWTEST_REGCRC
The eTimer_1 configuration registers are read and a CRC checksum is computed. The
checksum is compared with the expected value.
●
SIUL_SWTEST_REGCRC
The configuration registers of the SIUL are read and a CRC checksum is computed.
The checksum is compared with the expected value.
PWM In Double Read
Configuration
ETC[x]
ETC[y]
eTimer_0
eTimer_1
I
I
I
= Input Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82