| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3077 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3077 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 82 page ![]() DocID16384 Rev 10 73/82 AN3077 I/O pin/ball configuration 81 E[7] 48 — 63 E[9] 61 — 82 F[0] 133 — 180 F[10] 24 — 35 F[11] 25 — 36 F[12] 106 — 143 F[13] 112 — 149 F[14] 115 — 152 F[15] 113 — 150 F[3] 139 — 193 F[4] 4 — 4 F[5] 5 — 5 F[6] 8 — 8 F[7] 19 — 29 F[8] 20 — 30 F[9] 23 — 34 FCCU_F[0] 38 27 51 FCCU_F[1] 141 97 195 G[10] 77 — 99 G[11] 75 — 97 G[2] 102 — 139 G[3] 104 — 141 G[4] 100 — 135 G[5] 85 — 107 G[6] 98 — 131 G[7] 83 — 105 G[8] 81 — 103 G[9] 79 — 101 NMI 1 1 1 1. Die pads not relevant for analysis, and non-functional pins (for example, power, JTAG pins) are not shown. Table 21. Physical pin displacement on internal die (continued) Port Name Pin Number QFP144 Pin Number QFP100 Physical Pad Sequence(1) |