Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE7166 Fiches technique(PDF) 147 Page - Analog Devices

No de pièce ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Fiches technique(HTML) 147 Page - Analog Devices

Back Button ADE7166_15 Datasheet HTML 143Page - Analog Devices ADE7166_15 Datasheet HTML 144Page - Analog Devices ADE7166_15 Datasheet HTML 145Page - Analog Devices ADE7166_15 Datasheet HTML 146Page - Analog Devices ADE7166_15 Datasheet HTML 147Page - Analog Devices ADE7166_15 Datasheet HTML 148Page - Analog Devices ADE7166_15 Datasheet HTML 149Page - Analog Devices ADE7166_15 Datasheet HTML 150Page - Analog Devices ADE7166_15 Datasheet HTML 151Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 147 of 1
52
DETERMINING THE VERSION OF THE PART
Each ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/
ADE7569 holds in its internal flash registers a value that defines
its version. This value helps to determine whether users have the
latest version of the part. The version of the ADE7116/ADE7156/
ADE7166/ADE7169/ADE7566/ADE7569 that corresponds to
this data sheet is ADE7116/ADE7156/ADE7166/ADE7169/
ADE7566/ADE7569 V3.4.
This value can be accessed as follows:
1.
Launch HyperTerminal with a 9600 baud rate.
2.
Put the part in serial download mode by first holding
SDEN to logic low, then resetting the part.
3.
Hold the SDEN pin.
4.
Press and release the RESET pin.
A string should appear on the HyperTerminal screen containing
the part name and version number, for example, ADE7116V3.4,
ADE7156V3.4, ADE7166V3.4, ADE7169V3.4, ADE7566V3.4,
or ADE7569V3.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More