Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMTP32M Fiches technique(PDF) 4 Page - Aplus Intergrated Circuits

No de pièce AMTP32M
Description  APLUS INTEGRATED CIRCUITS INC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APLUS [Aplus Intergrated Circuits]
Site Internet  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AMTP32M Fiches technique(HTML) 4 Page - Aplus Intergrated Circuits

  AMTP32M Datasheet HTML 1Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 2Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 3Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 4Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 5Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 6Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 7Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 8Page - Aplus Intergrated Circuits AMTP32M Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Integrated Circuits Inc.
aMTPxxM Series
Ver 1.1
4/30
12/16/2014
TRIGGER MODES
There are five trigger modes available for aMTP32M series:
Key Trigger
Sequential
CPU Parallel
CPU Serial
MP3
Below lists the how many I/Os will be use and simple description for every modes:
Input
Pin
Maximum
Section
Busy
Output
Random
Section
Trigger
Section
Option
Support
Key Trigger
6
31
Yes
Yes
Yes
Sequential
1
256
Yes
No
Yes
CPU Parallel Trigger
6
32
Yes
Yes
Yes
CPU Serial Command
2
256
Yes
Yes
No
MP3
5
256
Yes
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30