| Moteur de recherche de fiches techniques de composants électroniques |
|
AMTP32M Fiches technique(PDF) 25 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AMTP32M Fiches technique(HTML) 25 Page - Aplus Intergrated Circuits |
|
25 / 30 page ![]() Integrated Circuits Inc. aMTPxxM Series Ver 1.1 25/30 12/16/2014 CPU Parallel Mode Using 3.3V Supply And CPU Parallel Trigger With DAC Driver Speaker Note 1. PB0, PB1, PB2, PB3, PD1 are address pins (input). 2. PD2 is trigger pin (input). 3. PD0 is busy pin (output). 4. C1, C2 and C3 must be connected directly on the VDD, VDDA, VDDB and VSS, VSSA, VSSB pins of the chip. |