| Moteur de recherche de fiches techniques de composants électroniques |
|
AMTP32M Fiches technique(PDF) 12 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AMTP32M Fiches technique(HTML) 12 Page - Aplus Intergrated Circuits |
|
12 / 30 page ![]() Integrated Circuits Inc. aMTPxxM Series Ver 1.1 12/30 12/16/2014 MP3 Mode User can start to play the voice or pause current voice by Play/Pause pin, and forward or backward play by Forward pin or Backward pin, up to 256 Voice Sections. User can enable repeat function by Repeat Enable pin. When repeat enable, it will loop play the current voice section by Repeat Ranges pin is VIL; It will loop play all the voice section sequentially by Repeat Range pin is VIH. Repeat Enable pin and Repeat Range pin default is VIL. Pin Defined Pin Name PB0 PB1 PB2 PB3 Description Forward Play Pause Backward N.C. Pin Name PD0 PD1 PD2 Description BUSY Repeat Enable Repeat Range |