| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1892 Fiches technique(PDF) 128 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Fiches technique(HTML) 128 Page - Integrated Circuit Systems |
|
128 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 128 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.5 10M MII: Synchronous Transmit Timing Table 10-12 lists the significant time periods for the 10M MII synchronous transmit timing (which consists of timings of signals on the TXD[3:0], TXEN, TXER, and TXCLK pins). Figure 10-5 shows the timing diagram for the time periods. Figure 10-5. 10M MII Synchronous Transmit Timing Diagram Table 10-12. 10M MII: Synchronous Transmit Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXD[3:0], TXEN, TXER Setup to TXCLK Rise – 375 –– ns t2 TXD[3:0], TXEN, TXER Hold after TXCLK Rise – 0 –– ns TXCLK TXD[3:0] TXEN TXER t1 t2 |