| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1892 Fiches technique(PDF) 23 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Fiches technique(HTML) 23 Page - Integrated Circuit Systems |
|
23 / 148 page ![]() Chapter 6 Interface Overviews ICS1892, Rev. D, 2/26/01 February 26, 2001 23 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. Chapter 6 Interface Overviews The ICS1892 MAC/Repeater Interface is fully configurable, thereby allowing it to accommodate many different applications. This chapter includes overviews of the following MAC/repeater-to-PHY interfaces: • Section 6.1, “MII Data Interface” • Section 6.2, “100M Symbol Interface” • Section 6.3, “10M Serial Interface” • Section 6.4, “Link Pulse Interface” • Section 6.5, “Serial Management Interface” • Section 6.6, “Twisted-Pair Interface” • Section 6.7, “Clock Reference Interface” • Section 6.8, “Configuration Interface” • Section 6.9, “Status Interface” |