| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1892 Fiches technique(PDF) 126 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Fiches technique(HTML) 126 Page - Integrated Circuit Systems |
|
126 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 126 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.3 Timing for Receive Clock (RXCLK) Pin Table 10-10 lists the significant time periods for signals on the Receive Clock (RXCLK) pin for the various interfaces. Figure 10-3 shows the timing diagram for the time periods. Figure 10-3. Receive Clock Timing Diagram Table 10-10. MII Receive Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 RXCLK Duty Cycle – 35 50 65 % t2a RXCLK Period 100M MII (100Base-TX) – 40 – ns t2b RXCLK Period 10M MII (10Base-T) – 400 – ns t2c RXCLK Period 100M Symbol Interface (100Base-TX) – 40 – ns t2d RXCLK Period 10M Symbol Interface (10Base-T) – 100 – ns RXCLK t1 t2 |