| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1892 Fiches technique(PDF) 125 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Fiches technique(HTML) 125 Page - Integrated Circuit Systems |
|
125 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 125 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.2 Timing for Transmit Clock (TXCLK) Pin Table 10-9 lists the significant time periods for signals on the Transmit Clock (TXCLK) pin for the various interfaces. Figure 10-2 shows the timing diagram for the time periods. Figure 10-2. Transmit Clock Timing Diagram Table 10-9. Transmit Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXCLK Duty Cycle – 35 50 65 % t2a TXCLK Period 100M MII (100Base-TX) – 40 – ns t2b TXCLK Period 10M MII (10Base-T) – 400 – ns t2c TXCLK Period 100M Symbol Interface (100Base-TX) – 40 – ns t2d TXCLK Period 10M Symbol Interface (10Base-T) – 100 – ns TXCLK t1 t2x |