Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM Fiches technique(PDF) 49 Page - ATMEL Corporation

No de pièce AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Fiches technique(HTML) 49 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 42Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 43Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 44Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 45Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 46Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 47Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 48Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 49Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
6175GS
“Features” ,“Debug Unit (DBGU)” updated with “Mode for General Purpose 2-wire UART Serial
Communication”
Section 7.4 ”Peripheral DMA Controller”, added list of PDC priorities.
Section 9. ”System Controller”, Figure 9-1 and Figure 9-2 RTT is reset by “power_on_reset”.
Section 9.1.1 ”Brownout Detector and Power-on Reset”, fourth paragraph reduced.
Section 9.5 ”Debug Unit”, the list; Section l ”Chip ID Registers”, chip IDs updated, added SAM7S32 Rev
B and SAM7S64 Rev B to the list.
Section 12. ”SAM7S Ordering Information”, Updated product ordering information by MRL A and MRL B
versions.
5846
5913
5224
5685
rfo
6175HS
Section 6.2 ”Test Pin”, added to SAM-BA Boot recovery procedure, a power cycle of the board is
mandatory.
Section 8.10 ”SAM-BA Boot Assistant”, added to SAM-BA Boot recovery procedure, a power cycle of the
board is mandatory.
6068
6175IS
Section 9.5 ”Debug Unit”, Chip ID Registers list updated.
MRL C column added to Table 12-1, “SAM7S Series Ordering Information”.
7185
6175JS
Product Series Naming Convention
Except for part ordering and library references, AT91 prefix dropped from most nomenclature.
AT91SAM7S becomes SAM7S.
Debug Unit:
“Chip ID Registers” on page 31, Chip ID is 0x270B0A4F for AT91SAM7S512 Rev B
rfo
7945
6175KS
Section 9.5 ”Debug Unit”, Chip ID Registers list updated. Added Chip ID for SAM7S128 Rev D and
SAM7S256 Rev D
Table 12-1, “SAM7S Series Ordering Information”.Added SAM7S128 Rev D and SAM7S256 Rev D
8380/8467
Doc. Rev
Comments
Change
Request
Ref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50