| Moteur de recherche de fiches techniques de composants électroniques |
|
AT91SAM Fiches technique(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM Fiches technique(HTML) 8 Page - ATMEL Corporation |
|
8 / 50 page ![]() 8 SAM7S Series [DATASHEET] 6175KS–ATARM–25-Oct-12 Note: 1. Refer to Section 6. “I/O Lines Considerations” on page 14. Two-Wire Interface TWD Two-wire Serial Data I/O TWCK Two-wire Serial Clock I/O Analog-to-Digital Converter AD0-AD3 Analog Inputs Analog Digital pulled-up inputs at reset AD4-AD7 Analog Inputs Analog Analog Inputs ADTRG ADC Trigger Input ADVREF ADC Reference Analog Fast Flash Programming Interface PGMEN0-PGMEN2 Programming Enabling Input PGMM0-PGMM3 Programming Mode Input PGMD0-PGMD15 Programming Data I/O PGMD0-PGMD7 only on SAM7S32/16 PGMRDY Programming Ready Output High PGMNVALID Data Direction Output Low PGMNOE Programming Read Input Low PGMCK Programming Clock Input PGMNCMD Programming Command Input Low Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Comments |