Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT91SAM Fiches technique(PDF) 9 Page - ATMEL Corporation

No de pièce AT91SAM
Description  High-performance 32-bit RISC Architecture
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM Fiches technique(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM_14 Datasheet HTML 5Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 6Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 7Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 8Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 9Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 10Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 11Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 12Page - ATMEL Corporation AT91SAM_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
SAM7S Series [DATASHEET]
6175KS–ATARM–25-Oct-12
4.
Package and Pinout
The SAM7S512/256/128/64/321 are available in a 64-lead LQFP or 64-pad QFN package.
The SAM7S161 is available in a 64-Lead LQFP package.
The SAM7S32/16 are available in a 48-lead LQFP or 48-pad QFN package.
4.1
64-lead LQFP and 64-pad QFN Package Outlines
Figure 4-1 and Figure 4-2 show the orientation of the 64-lead LQFP and the 64-pad QFN package. A detailed
mechanical description is given in the section Mechanical Characteristics of the full datasheet.
Figure 4-1. 64-lead LQFP Package (Top View)
Figure 4-2. 64-pad QFN Package (Top View)
116
17
32
33
48
49
64
33
48
16
1
49
64
32
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50