| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9580 Fiches technique(PDF) 53 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9580 Fiches technique(HTML) 53 Page - Holtek Semiconductor Inc |
|
53 / 63 page ![]() Name Opcode Addr Mode Flags No. Bytes No. Cyc. Description NV E B D I Z C BBS5 DF REL -------- 3 5+b If M (5)=1, PC<=PC+Off (Off sign ext) BBS6 EF REL -------- 3 5+b If M (6)=1, PC<=PC+Off (Off sign ext) BBS7 FF REL -------- 3 5+b If M (7)=1, PC<=PC+Off (Off sign ext) BCC 90 REL -------- 2 2+b If C=0, PC<=PC+M (Msign extended) BCS B0 REL -------- 2 2+b If C=1, PC<=PC+M (Msign extended) BEQ F0 REL -------- 2 2+b If Z=1, PC<=PC+M (Msign extended) BIT 89 IMM 7 6 - - - - + - 2 2 A&M=>Z, M7=>N, M6=>V BIT 24 ZPG 7 6 - - - - + - 2 3 A&M=>Z, M7=>N, M6=>V BIT 34 ZPX 7 6 - - - - + - 2 4 A&M=>Z, M7=>N, M6=>V BIT 2C ABS 7 6 - - - - + - 3 4 A&M=>Z, M7=>N, M6=>V BIT 3C ABX 7 6 - - - - + - 3 4 A&M=>Z, M7=>N, M6=>V BMI 30 REL -------- 2 2+b If N=1, PC<=PC+M (Msign extended) BNE D0 REL -------- 2 2+b If Z=0, PC<=PC+M (Msign extended) BPL 10 REL -------- 2 2+b If N=0, PC<=PC+M (Msign extended) BRA 80 REL -------- 2 2+b PC<=PC+M (Msign extended) BRK 00 IMP ----- 1 - - 1 7 Set B, push PC & PSR, PC<=(FFFE), Set 1 BVC 50 REL -------- 2 2+b If V=0, PC<=PC+M (Msign extended) BVS 70 REL -------- 2 2+b If V=1, PC<=PC+M (Msign extended) CLC 18 IMP ------- 0 1 2 C<=0 CLD D8 IMP - - - - 0 - - - 1 2 D<=0 CLI 58 IMP ----- 0 - - 1 2 I<=0 CLV B8 IMP - 0 ------ 1 2 V<=0 CMP C9 IMM + ----- + + 2 2 A-M=>N, Z, C CMP C5 ZPG + ----- + + 2 3 A-M=>N, Z, C CMP D5 ZPX + ----- + + 2 4 A-M=>N, Z, C CMP CD ABS + ----- + + 3 4 A-M=>N, Z, C CMP DD ABX + ----- + + 3 4 A-M=>N, Z, C CMP D9 ABY + ----- + + 3 4 A-M=>N, Z, C CMP D2 IND + ----- + + 2 5 A-M=>N, Z, C CMP C1 INX + ----- + + 2 6 A-M=>N, Z, C CMP D1 INY + ----- + + 2 5 A-M=>N, Z, C CPX E0 IMM + ----- + + 2 2 X-M=>N, Z, C CPX E4 ZPG + ----- + + 2 3 X-M=>N, Z, C CPX EC ABS + ----- + + 3 4 X-M=>N, Z, C CPY C0 Imm + ----- + + 2 2 Y-M=>N, Z, C CPY C4 ZPG + ----- + + 2 3 Y-M=>N, Z, C HT9580 53 April 28, 2000 Preliminary |