| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9580 Fiches technique(PDF) 24 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9580 Fiches technique(HTML) 24 Page - Holtek Semiconductor Inc |
|
24 / 63 page ![]() HT9580 24 April 28, 2000 Preliminary R/ W C S ( S l av e) LC D _ C S 1 ( S l av e) LC D _ A 0 D0 ~ D 7 LC D _ E L C D_ RW L CD_ CL LC D _ C S 0 ( M as t e r ) H T 9580 A0 D0 ~ D 7 E CL S E D 15X ( K S X ) CS ( M a s t e r ) Ma s t e r Sl a v e L C D Dr i v e r T h e a p p l i c a t i o n c i r c u i t w h e n b i t " L C D - C H IP 1" = 0 a n d " L C D - C H IP 0 " = 0 5 3 2 6 4 15~ 8 7 R/ W LC D _ C S 1 ( S l av e) L CD_ A 0 D0 ~ D 7 L CD_ E L CD_ RW L CD_ CL LC D _ C S 0 ( M as t e r ) H T 9580 5 D/ C D0 ~ D 7 CS OS C 2 M C 141X 3 2 6 4 15~ 8 Ma s t e r Sl a v e LC D D r i v er T he appl i c a t i on c i r c ui t w hen bi t " LC D - C H I P 1" = 0 a nd " L C D - C H I P 0 " = 1 7 CE ( M a s t e r ) C E ( S l av e) |