| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9580 Fiches technique(PDF) 47 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9580 Fiches technique(HTML) 47 Page - Holtek Semiconductor Inc |
|
47 / 63 page ![]() HT9580 47 April 28, 2000 Preliminary Mode Description INX INDIRECT X: The byte following the opcode is added to the X register to produce a new zero page address. The contents of this address and the following one are used as the address to finally access the data. Note that when the X register is added to the byte following the opcode, the upper byte of the address is always zero. {data=[(00, IAL+X+1), (00, IAL+X)]} INY INDIRECT Y: The byte following the opcode is a zero page address. The contents of this location and the next one produce a 16-bit address which is then added to the Y register to finally obtain the data. {data=<[(00, IAL+1), (00, IAL)]+Y>} REL RELATIVE: The byte following the opcode is added in 2's complement fashion to the PC. The byte is sign extended. Used by branching instructions. |