Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NHIXP435AD Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Fiches technique(HTML) 4 Page - Intel Corporation

  NHIXP435AD Datasheet HTML 1Page - Intel Corporation NHIXP435AD Datasheet HTML 2Page - Intel Corporation NHIXP435AD Datasheet HTML 3Page - Intel Corporation NHIXP435AD Datasheet HTML 4Page - Intel Corporation NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Revision History
Intel® IXP43X Product Line of Network Processors
Specification Update
December 2008
4
Order Number: 316847; Revision: 005US
Revision History
§ §
Date
Revision
Description
December 2008
005
• Added Specification Change No. 6 - Updates to DDR2 Setup/Hold Timing Values
• Moved Non-Intel XScale® Technology No. 23 and 24 from Section 5.0 to Section 4.0
Note:
Updated IXP43X documents affected by the March 2008 specification update (316847-
004); the affected IXP43X documents include:
- Intel® IXP43X Product Line of Network Processors Datasheet (316842)
- Intel® IXP43X Product Line of Network Processors Developer's Manual (316843)
- Intel® IXP43X Product Line of Network Processors Design Guidelines (316844)
- Intel® IXP43X Product Line of Network Processors Design Checklist (316849)
March 2008
004
•Updated Figure 1
• Added Non-Intel XScale® Technology Errata 22 under Section 2.2
• Updated 4, 5, 6, and 7 specification clarifications (see Section 6.0, “Specification Changes”
on page 22)
• Added 8-18 specification clarifications (see Section 2.4, “Specification Changes” on page 8)
December 2007
003
• Added Non-Intel XScale® Technology Errata 21 under Section 2.2
• Added Intel XScale® Technology Errata 9 and 10 under Section 2.3
•Added “Specification Changes” on page 22
•Added Table 2 under Section 3.2.1
September 2007
002
Added Non-Intel XScale® Technology Errata 19 and 20 under Section 2.2
April 2007
001
Initial release of the document — The first specification update combining errata for the Intel®
IXP43X Product Line of Network Processors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24