Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NHIXP435AD Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Fiches technique(HTML) 21 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 16Page - Intel Corporation NHIXP435AD Datasheet HTML 17Page - Intel Corporation NHIXP435AD Datasheet HTML 18Page - Intel Corporation NHIXP435AD Datasheet HTML 19Page - Intel Corporation NHIXP435AD Datasheet HTML 20Page - Intel Corporation NHIXP435AD Datasheet HTML 21Page - Intel Corporation NHIXP435AD Datasheet HTML 22Page - Intel Corporation NHIXP435AD Datasheet HTML 23Page - Intel Corporation NHIXP435AD Datasheet HTML 24Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
21
5.0 Intel XScale® Technology Errata Descriptions
this bug, the first instruction of such an FIQ handler may be executed twice when it is
not a branch instruction.
Workaround: When an NOP is placed at the beginning of the FIQ handler, the NOP executes twice and
there is no incorrect behavior. When a branch instruction is placed at the beginning of
the handler, it does not execute twice.
Status:
No Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24