Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NHIXP435AD Fiches technique(PDF) 3 Page - Intel Corporation

No de pièce NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Fiches technique(HTML) 3 Page - Intel Corporation

  NHIXP435AD Datasheet HTML 1Page - Intel Corporation NHIXP435AD Datasheet HTML 2Page - Intel Corporation NHIXP435AD Datasheet HTML 3Page - Intel Corporation NHIXP435AD Datasheet HTML 4Page - Intel Corporation NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
3
Contents
Contents
1.0
Preface ......................................................................................................................5
1.1
Affected Documents/Related Documents ................................................................5
1.2
Nomenclature .....................................................................................................5
2.0
Summary Table of Changes .......................................................................................6
2.1
Codes Used in Summary Tables.............................................................................6
2.1.1
Stepping .................................................................................................6
2.1.2
Page.......................................................................................................6
2.1.3
Status ....................................................................................................6
2.1.4
Row .......................................................................................................6
2.2
Non-Intel XScale® Technology Errata.....................................................................7
2.3
Intel XScale® Technology Errata ...........................................................................8
2.4
Specification Changes ..........................................................................................8
3.0
Identification Information .........................................................................................9
3.1
Markings ............................................................................................................9
3.2
Part Numbers (Lead free packaging) .................................................................... 10
3.2.1
Intel® IXP43X Product Line of Network Processors ...................................... 10
4.0
Non-Intel XScale® Technology Errata Descriptions .................................................. 11
5.0
Intel XScale® Technology Errata Descriptions ......................................................... 18
6.0
Specification Changes.............................................................................................. 22
Figures
1
Package Markings:
Intel® IXP43X Product Line of Network Processors —
Commercial / Extended Temperature, Lead-Free / Compliant with Standard for Restriction
on the Use of Hazardous Substances (RoHS) .................................................................9
2
Define DDR_DCALCSR and DDR_DCALADDR Registers .................................................. 23
3
EMRS Code Example................................................................................................. 23
Tables
1
Part Numbers for the Intel® IXP43X Product Line of Network Processors.......................... 10
2Part Numbers for the Intel® IXP435 Multi-Service Residential Gateway Reference Platform 10
3
Tested Devices that Pass on the Intel® IXP43X Product Line of Network Processors .......... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24