Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NHIXP435AD Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce NHIXP435AD
Description  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Fiches technique(HTML) 9 Page - Intel Corporation

Back Button NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation NHIXP435AD Datasheet HTML 10Page - Intel Corporation NHIXP435AD Datasheet HTML 11Page - Intel Corporation NHIXP435AD Datasheet HTML 12Page - Intel Corporation NHIXP435AD Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
9
3.0 Identification Information
3.0
Identification Information
3.1
Markings
Figure 1.
Package Markings:
Intel® IXP43X Product Line of Network Processors —
Commercial / Extended Temperature, Lead-Free / Compliant with Standard
for Restriction on the Use of Hazardous Substances (RoHS)1
1. Further information regarding RoHS and lead-free components can be obtained from your local
Intel representative; for general information, see http://www.intel.com/technology/silicon/
leadfree.htm.
Notes:
1.
Part Number field — For different part numbers of the Intel® IXP43X Product Line of Network Processors, see Table 1.
2.
Package ball counts — Intel® IXP43X Product Line of Network Processors has a ball count of 460.
3.
Drawing is not to scale. Marking content is an example.
Part Number
Finish Site Traceability Code
Intel Copyright
Assembly Site Traceability Code
Pin # 1
Intel® IXP 43X
Product Line of
Network Processors
Part #
FPO#
'04
ATPO#
YWW KOREA
i
M C
e1
Lead-Free Designator (e1)
B 4916- 004
Assembly Year (Y) and
Work Week (WW) and
Country of Origin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24