Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT5880 Fiches technique(PDF) 45 Page - Active-Semi, Inc

No de pièce ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Fiches technique(HTML) 45 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 41Page - Active-Semi, Inc ACT5880 Datasheet HTML 42Page - Active-Semi, Inc ACT5880 Datasheet HTML 43Page - Active-Semi, Inc ACT5880 Datasheet HTML 44Page - Active-Semi, Inc ACT5880 Datasheet HTML 45Page - Active-Semi, Inc ACT5880 Datasheet HTML 46Page - Active-Semi, Inc ACT5880 Datasheet HTML 47Page - Active-Semi, Inc ACT5880 Datasheet HTML 48Page - Active-Semi, Inc ACT5880 Datasheet HTML 49Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 45 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
NON-LINEAR DUTY SETTING
STEP-UP DC/DC VOLTAGE SETTING
Unit: V
DUTY_[4:1], DUTY_[0] is ignored for its less change.
0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111
000
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0.6
0.6
0.7
0.7
0.8
001
0.8
0.9
0.9
1.0
1.0
1.0
1.1
1.1
1.2
1.2
1.3
1.3
1.4
1.4
1.5
1.5
010
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
011
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
100
6.4
6.8
7.2
7.6
8.0
8.4
8.8
9.2
9.6
10
10
11
11
12
12
12
101
13
14
15
15
16
17
18
18
19
20
21
22
22
23
24
25
110
26
27
29
31
32
34
35
37
38
40
41
43
45
46
48
49
111
52
53
55
58
61
64
67
73
77
80
83
86
89
92
95
100
[7:5]
VSET
[7:4]
VSET[3:0]
0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111
0000
0001
0010
0011
0100
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
0101
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
0110
6.2
6.3
6.4
6.5
6.5
6.7
6.8
6.9
7.0
7.1
7.2
7.3
7.4
7.5
7.6
7.7
0111
7.8
7.9
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
1000
9.4
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
10.9
1001 11.0 11.1 11.2 11.3 11.4 11.5 11.6 11.7 11.8 11.9 12.0 12.1 12.2 12.3
12.4
12.5
1010 12.6 12.8 13.0 13.2 13.4 13.6 13.8 14.0 14.2 14.4 14.6 14.8 15.0 15.2
15.4
15.6
1011 15.8 16.0 16.2 16.4 16.6 16.8 17.0 17.2 17.4 17.6 17.8 18.0 18.2 18.4
18.6
18.8
1100 19.0 19.4 19.8 20.2 20.6 21.0 21.6 21.8 22.2 22.6
23
23.4
23.8
24.2
24.6
25.0
1101 25.4 25.8 26.2 26.6 27.0 27.4 27.8 28.2 28.6 29.0 29.4 29.8 30.2 30.6
31
31.4
1110 31.8 32.2 32.6 33.0 33.4 33.8 34.2 34.6
35
35.4
35.8
36.2
36.6
37
37.4
37.8
1111 38.2 38.6 39.0 39.4 39.8 40.2 40.6 41.0
41.4 for all codes after 11111000.
3.0 for all codes before 01000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87