| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT5880 Fiches technique(PDF) 31 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 Fiches technique(HTML) 31 Page - Active-Semi, Inc |
|
31 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 31 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute REGISTER AND BIT DESCRIPTIONS CONT’D BLOCK ADDRESS and BIT NAME DEFAULT and ACCESS DESCRIPTION RTC 0x8D 7 DAY[15] 0 R Elapsed days counter, the upper byte of the 16 bits counter. DAY[15] is the MSB. 6 DAY[14] 0 5 DAY[13] 0 4 DAY[12] 0 3 DAY[11] 0 2 DAY[10] 0 1 DAY[9] 0 0 DAY[8] 0 0x90 7 x x x Not used. 6 x x x Not used. 5 ALMSEC[5] 0 W/R The hours of the alarm time setting, mod 24. The ALMHR[0] is the LSB. 4 ALMSEC[4] 0 3 ALMSEC[3] 0 2 ALMSEC[2] 0 1 ALMSEC[1] 0 0 ALMSEC[0] 0 0x94 7 x x x Not used. 6 x x x Not used. 5 ALMMIN[5] 0 W/R The minutes of the alarm time setting, mod 60. The ALMMIN[0] is the LSB. 4 ALMMIN[4] 0 3 ALMMIN[3] 0 2 ALMMIN[2] 0 1 ALMMIN[1] 0 0 ALMMIN[0] 0 0x98 7 x x x Not used. 6 x x x Not used. 5 x x x Not used. 4 ALMHR[4] 0 W/R 3 ALMHR[3] 0 2 ALMHR[2] 0 1 ALMHR[1] 0 0 ALMHR[0] 0 The hours of the alarm time setting, mod 24. The ALMHR[0] is the LSB. Note: W/R: Write and read accessible. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |