| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT5880 Fiches technique(PDF) 42 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 Fiches technique(HTML) 42 Page - Active-Semi, Inc |
|
42 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 42 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute INTERRUPT DESCRIPTIONS BLOCK SITUATION CONFIGURATION IDENTIFICATION SYS VVSYS<VSYSLEV nSYSMODE nSYSLVMSK nSYSSTAT 1 1 1 SYS " Enable Key" press assertion STA POSA STA DATAA* 1 1 1 1 SYS HFPWR assertion STB POSB STB DATAB* 1 1 1 1 SYS HFPWR assertion STB NEGB STB DATAB* 1 1 1 1 REG1 OUT1 fault nFLTMSK OK* 1 0 REG2 OUT2 fault in buck operation nFLTMSK OK* 1 0 REG2 OUT2 fault in linear operation nFLTMSK OK* 1 0 REG3 OUT3 fault nFLTMSK OK* 1 0 REG4 OUT4 fault nFLTMSK OK* 1 0 REG5 OUT5 fault nFLTMSK OK* 1 0 REG6 OUT6 fault nFLTMSK OK* 1 0 REG7 OUT7 fault nFLTMSK OK* 1 0 REG8 OUT8 fault nFLTMSK OK* 1 0 REG9 OUT9 fault nFLTMSK OK* 1 0 REG10 OUT10 fault nFLTMSK OK* 1 0 REG11 OUT11 fault nFLTMSK OK* 1 0 REG12 OUT12 fault nFLTMSK OK* 1 0 OUT13 fault nFLTMSK OK* 1 0 REG13 Note: *: Instant state output, the reading is the volume by the time of reading. |