| Moteur de recherche de fiches techniques de composants électroniques |
|
ACT5880 Fiches technique(PDF) 17 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 Fiches technique(HTML) 17 Page - Active-Semi, Inc |
|
17 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 17 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute FUNCTION BLOCK ADDR. BITS NAMES AND DEFAULTS D7 D6 D5 D4 D3 D2 D1 D0 TSC ADC 0xF0 nEN SINGEL CHANNEL[2] CHANNEL[1] CHANNEL[0] CH03 CH47 ACQ 1 0 0 0 0 0 0 0 TSC ADC 0xF1 CLEN PENWKEN PENSTAT PENIRQ DATARDY nAUTO PENMSK DATAMASK 0 0 R R R 1 0 0 TSC ADC 0xE0 XPOS[11] XPOS[10] XPOS[9] XPOS[8] XPOS[7] XPOS[6] XPOS[5] XPOS[4] x x x x x x x x TSC ADC 0xE1 XPOS[3] XPOS[2] XPOS[1] XPOS[0] x x x x x x x x x x x x TSC ADC 0xE2 YPOS[11] YPOS[10] YPOS[9] YPOS[8] YPOS[7] YPOS[6] YPOS[5] YPOS[4] x x x x x x x x TSC ADC 0xE3 YPOS[3] YPOS[2] YPOS[1] YPOS[0] x x x x x x x x x x x x TSC ADC 0xE4 Z1POS[11] Z1POS[10] Z1POS[9] Z1POS[8] Z1POS[7] Z1POS[6] Z1POS[5] Z1POS[4] x x x x x x x x TSC ADC 0xE5 Z1POS[3] Z1POS[2] Z1POS[1] Z1POS[0] x x x x x x x x x x x x TSC ADC 0xE6 Z2POS[11] Z2POS[10] Z2POS[9] Z2POS[8] Z2POS[7] Z2POS[6] Z2POS[5] Z2POS[4] x x x x x x x x TSC ADC 0xE7 Z2POS[3] Z2POS[2] Z2POS[1] Z2POS[0] x x x x x x x x x x x x TSC ADC 0xE8 AUX0[11] AUX0[10] AUX0[9] AUX0[8] AUX0[7] AUX0[6] AUX0[5] AUX0[4] x x x x x x x x TSC ADC 0xE9 AUX0[3] AUX0[2] AUX0[1] AUX0[0] x x x x x x x x x x x x TSC ADC 0xEA AUX1[11] AUX1[10] AUX1[9] AUX1[8] AUX1[7] AUX1[6] AUX1[5] AUX1[4] x x x x x x x x TSC ADC 0xEB AUX1[3] AUX1[2] AUX1[1] AUX1[0] x x x x x x x x x x x x TSC ADC 0xEC AUX2[11] AUX2[10] AUX2[9] AUX2[8] AUX2[7] AUX2[6] AUX2[5] AUX2[4] x x x x x x x x TSC ADC 0xED AUX2[3] AUX2[2] AUX2[1] AUX2[0] x x x x x x x x x x x x TSC ADC 0xEE AUX3[11] AUX3[10] AUX3[9] AUX3[8] AUX3[7] AUX3[6] AUX3[5] AUX3[4] x x x x x x x x TSC ADC AUX3[3] AUX3[2] AUX3[1] AUX3[0] x x x x x x x x x x x x 0xEF GLOBAL REGISTER MAP Note: RFU is the bit reserved for future use. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |