Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6226PDTR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6226PDTR
Description  DMOS dual full bridge driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Fiches technique(HTML) 5 Page - STMicroelectronics

  L6226PDTR Datasheet HTML 1Page - STMicroelectronics L6226PDTR Datasheet HTML 2Page - STMicroelectronics L6226PDTR Datasheet HTML 3Page - STMicroelectronics L6226PDTR Datasheet HTML 4Page - STMicroelectronics L6226PDTR Datasheet HTML 5Page - STMicroelectronics L6226PDTR Datasheet HTML 6Page - STMicroelectronics L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
L6226
Pin connections
Doc ID 9452 Rev 4
5/31
2
Pin connections
Figure 2.
Pin connections
1. The slug is internally connected to pins 1,18,19 and 36 (GND pins).
Table 4.
Pin description
Pin n.
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
1
10
IN1A
Logic input
Bridge A logic input 1.
2
11
IN2A
Logic input
Bridge A logic input 2.
3
12
SENSEA
Power
supply
Bridge A source pin. This pin must be
connected to power ground directly or
through a sensing power resistor.
4
13
OCDA
Open drain
output
Bridge A overcurrent detection and thermal
protection pin.An internal open drain
transistor pulls to GND when overcurrent
on bridge A is detected or in case of
thermal protection.
515
OUT1A
Power
output
Bridge A output 1.
6, 7, 18, 19
1, 18, 19, 36
GND
GND
Signal ground terminals. In Power DIP and
SO packages, these pins are also used for
heat dissipation toward the PCB.
822
OUT1B
Power
output
Bridge B output 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com